| データシートサーチシステム |
|
STUSB1600 データシート(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB1600 データシート(HTML) 56 Page - STMicroelectronics |
|
56 / 69 page ![]() Application STUSB1600 56/69 DocID028937 Rev 1 VBUS power path assertion Table 45. Conditions for VBUS power path assertion in source power role Pin Electrical value Operation conditions Comment Type-C attached state VDD pin monitoring VBUS_SENSE pin monitoring VBUS_EN_SRC 0 Attached.SRC or UnorientedDebug Accessory.SRC or OrientedDebug Accessory.SRC VDD < OVLO if VDD pin is supplied VBUS is within valid voltage range The signal is asserted only if all the valid operation conditions are met HiZ Any other state VDD > OVLO if VDD pin is supplied VBUS is out of valid voltage range The signal is de-asserted when at least one non valid operation condition is met. Table 46. Conditions for VBUS power path assertion in sink power role Pin Electrical value Operation conditions Comment Type-C attached state VDD pin monitoring VBUS_SENSE pin monitoring VBUS_EN_SNK 0 Attached.SNK or Debug Accessory.SNK Not applicable VBUS is within valid voltage range The signal is asserted only if all the valid operation conditions are met HiZ Any other state Not applicable VBUS is out of valid voltage range The signal is de-asserted when at least one non valid operation condition is met. |