| データシートサーチシステム |
|
STUSB1600 データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB1600 データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 69 page ![]() DocID028937 Rev 1 47/69 STUSB1600 Application 69 VBUS power path assertion Table 39. Conditions for VBUS power path assertion in source power role Pin Electrical value Operation conditions Comment Type-C attached state VDD pin monitoring VBUS_SENSE pin monitoring VBUS_EN_SRC 0 Attached.SRC or UnorientedDebug Accessory.SRC or OrientedDebug Accessory.SRC VDD < OVLO if VDD pin is supplied VBUS within valid voltage range The signal is asserted only if all the valid operation conditions are met HiZ Any other state VDD > OVLO if VDD pin is supplied VBUS is out of valid voltage range The signal is de-asserted when at least one non valid operation condition is met. |