データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STUSB1600 データシート(PDF) 64 Page - STMicroelectronics

部品番号 STUSB1600
部品情報  Power hubs and docking stations
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1600 データシート(HTML) 64 Page - STMicroelectronics

Back Button STUSB1600 Datasheet HTML 60Page - STMicroelectronics STUSB1600 Datasheet HTML 61Page - STMicroelectronics STUSB1600 Datasheet HTML 62Page - STMicroelectronics STUSB1600 Datasheet HTML 63Page - STMicroelectronics STUSB1600 Datasheet HTML 64Page - STMicroelectronics STUSB1600 Datasheet HTML 65Page - STMicroelectronics STUSB1600 Datasheet HTML 66Page - STMicroelectronics STUSB1600 Datasheet HTML 67Page - STMicroelectronics STUSB1600 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
Package information
STUSB1600
64/69
DocID028937 Rev 1
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
9.1
QFN24 EP 4x4 mm package information
Figure 10. QFN24 EP 4x4 mm package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69