データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A5974D データシート(PDF) 20 Page - STMicroelectronics

部品番号 A5974D
部品情報  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D データシート(HTML) 20 Page - STMicroelectronics

Back Button A5974D Datasheet HTML 16Page - STMicroelectronics A5974D Datasheet HTML 17Page - STMicroelectronics A5974D Datasheet HTML 18Page - STMicroelectronics A5974D Datasheet HTML 19Page - STMicroelectronics A5974D Datasheet HTML 20Page - STMicroelectronics A5974D Datasheet HTML 21Page - STMicroelectronics A5974D Datasheet HTML 22Page - STMicroelectronics A5974D Datasheet HTML 23Page - STMicroelectronics A5974D Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Closing the loop
A5974D
20/46
DocID018774 Rev 2
The gain and phase bode diagrams are plotted respectively in Figure 11 and Figure 12.
Figure 11. Module plot
Figure 12. Phase plot
The cut-off frequency and the phase margin are:
Equation 16
FC
33KHz
=
Phase margin = 49°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46