データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A5974D データシート(PDF) 4 Page - STMicroelectronics

部品番号 A5974D
部品情報  Zero load current operation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5974D データシート(HTML) 4 Page - STMicroelectronics

  A5974D Datasheet HTML 1Page - STMicroelectronics A5974D Datasheet HTML 2Page - STMicroelectronics A5974D Datasheet HTML 3Page - STMicroelectronics A5974D Datasheet HTML 4Page - STMicroelectronics A5974D Datasheet HTML 5Page - STMicroelectronics A5974D Datasheet HTML 6Page - STMicroelectronics A5974D Datasheet HTML 7Page - STMicroelectronics A5974D Datasheet HTML 8Page - STMicroelectronics A5974D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Pin settings
A5974D
4/46
DocID018774 Rev 2
1
Pin settings
1.1
Pin connection
Figure 2. Pin connection (top view)
1.2
Pin description
Table 1. Pin description
No.
Pin
Description
1
OUT
Regulator output.
2
SYNCH
Master/slave synchronization.
3INH
A logical signal (active high) disables the device. If INH not used the pin
must be grounded. When it is open an internal pull-up disables the
device.
4
COMP
E/A output for frequency compensation.
5FB
Feedback input. Connecting directly to this pin results in an output
voltage of 1.23 V. An external resistive divider is required for higher
output voltages.
6
VREF
3.3 V VREF. No cap is requested for stability.
7
GND
Ground.
8
VCC
Unregulated DC input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com