データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1502 データシート(PDF) 10 Page - STMicroelectronics

部品番号 UM1502
部品情報  STEVAL-MKI111V1 - water level detection based on the LPS001WP MEMS pressure sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1502 データシート(HTML) 10 Page - STMicroelectronics

Back Button UM1502 Datasheet HTML 6Page - STMicroelectronics UM1502 Datasheet HTML 7Page - STMicroelectronics UM1502 Datasheet HTML 8Page - STMicroelectronics UM1502 Datasheet HTML 9Page - STMicroelectronics UM1502 Datasheet HTML 10Page - STMicroelectronics UM1502 Datasheet HTML 11Page - STMicroelectronics UM1502 Datasheet HTML 12Page - STMicroelectronics UM1502 Datasheet HTML 13Page - STMicroelectronics UM1502 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Board description
UM1502
10/23
Doc ID 022625 Rev 1
2.3.2
Setting the pressure reference (zero, 0 mbar)
By pressing the P1 button, the system sets the pressure reference. The pressure reference
is the one read by the MEMS at the moment the button is pressed.
Every time that button P1 is pressed, a new reference is set.
Once the reference is set, the OFS LED turns off, and the lower LED in the LED bar turns
on.
From now on, the pressure signal is also available as PWM modulation (see Section 2.3.3).
2.3.3
Output signals
Once the pressure reference is set, the pressure signal is available as PWM modulation on
connector J3. The signal frequency starts at 43 Hz, meaning 0 mbar. Changes in pressure
modulate the frequency accordingly. An increase of 6 mbar means a decrease of 1 Hz in
frequency change. Therefore, a frequency of 38 Hz means a pressure of 30 mbar.
This frequency range has been adopted to simulate electromechanical pressure sensors. In
this way, it's very easy to replace it with the STEVAL-MKI111V1 demonstration board.
The signals coming from the MEMS sensor are also available on connector J2, although an
external MCU must be connected through the I²C interface.
Additionally, the demonstration board can be connected to an ST debugging tool with SWIM
interface to read in real-time the pressure and temperature data as variables (see also
Section 6).
2.3.4
LED bar
The 5-step LED bar roughly shows the pressure that the MEMS sensor is actually
measuring. Each LED means 6 mbar. Therefore the full range indicated by the LED bar is
30 mbar. In the case of a depression, the LED blinks instead. Therefore the full range shown
by the LED bar is -30 mbar / 30 mbar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com