データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM1502 データシート(PDF) 13 Page - STMicroelectronics

部品番号 UM1502
部品情報  STEVAL-MKI111V1 - water level detection based on the LPS001WP MEMS pressure sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1502 データシート(HTML) 13 Page - STMicroelectronics

Back Button UM1502 Datasheet HTML 9Page - STMicroelectronics UM1502 Datasheet HTML 10Page - STMicroelectronics UM1502 Datasheet HTML 11Page - STMicroelectronics UM1502 Datasheet HTML 12Page - STMicroelectronics UM1502 Datasheet HTML 13Page - STMicroelectronics UM1502 Datasheet HTML 14Page - STMicroelectronics UM1502 Datasheet HTML 15Page - STMicroelectronics UM1502 Datasheet HTML 16Page - STMicroelectronics UM1502 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
UM1502
Connectors, test pins and jumpers
Doc ID 022625 Rev 1
13/23
Table 5.
I²C interface connector (J5)
Pin
Description
13.3 V DC
2GND
3
Serial clock, SCL
4
Serial data, SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23