| データシートサーチシステム |
|
SPC56EL54x データシート(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL54x データシート(HTML) 70 Page - STMicroelectronics |
|
70 / 165 page ![]() Package pinouts and signal descriptions SPC56ELx, SPC564Lx 70/165 DocID15457 Rev 12 T12 E[12] SIUL — GPIO[76] ADC_1 — AN[6] T13 E[0] SIUL — GPIO[64] ADC_1 — AN[5] T14 A[0] SIUL GPIO[0] GPIO[0] eTimer_0 ETC[0] ETC[0] DSPI_2 SCK SCK SIUL — EIRQ[0] T15 D[10] SIUL GPIO[58] GPIO[58] FlexPWM_0 A[0] A[0] eTimer_0 — ETC[0] T16 VDD_HV_IO_RING — T17 VSS_HV_IO_RING — U1 VSS_HV_IO_RING — U2 VSS_HV_IO_RING — U3 Not connected — U4 E[4] SIUL — GPIO[68] ADC_0 — AN[7] U5 C[2] SIUL — GPIO[34] ADC_0 — AN[3] U6 E[2] SIUL — GPIO[66] ADC_0 — AN[5] U7 B[9] SIUL — GPIO[25] ADC_0 ADC_1 —AN[11] U8 B[12] SIUL — GPIO[28] ADC_0 ADC_1 —AN[14] U9 VDD_HV_ADV — U10 VSS_HV_ADV — U11 E[11] SIUL — GPIO[75] ADC_1 — AN[4] U12 Not connected — U13 Not connected — U14 VDD_HV_PMU — Table 5. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |