データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPC56EL54x データシート(PDF) 39 Page - STMicroelectronics

部品番号 SPC56EL54x
部品情報  Dual issue five-stage pipeline core
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC56EL54x データシート(HTML) 39 Page - STMicroelectronics

Back Button SPC56EL54x Datasheet HTML 35Page - STMicroelectronics SPC56EL54x Datasheet HTML 36Page - STMicroelectronics SPC56EL54x Datasheet HTML 37Page - STMicroelectronics SPC56EL54x Datasheet HTML 38Page - STMicroelectronics SPC56EL54x Datasheet HTML 39Page - STMicroelectronics SPC56EL54x Datasheet HTML 40Page - STMicroelectronics SPC56EL54x Datasheet HTML 41Page - STMicroelectronics SPC56EL54x Datasheet HTML 42Page - STMicroelectronics SPC56EL54x Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 165 page
background image
DocID15457 Rev 12
39/165
SPC56ELx, SPC564Lx
Package pinouts and signal descriptions
164
31
B[8]
SIUL
—
GPIO[24]
eTimer_0
—
ETC[5]
ADC_0
—
AN[1]
32
E[2]
SIUL
—
GPIO[66]
ADC_0
—
AN[5]
33
VDD_HV_ADR0
—
34
VSS_HV_ADR0
—
35
B[9]
SIUL
—
GPIO[25]
ADC_0
—AN[11]
ADC_1
36
B[10]
SIUL
—
GPIO[26]
ADC_0
—AN[12]
ADC_1
37
B[11]
SIUL
—
GPIO[27]
ADC_0
—AN[13]
ADC_1
38
B[12]
SIUL
—
GPIO[28]
ADC_0
—AN[14]
ADC_1
39
VDD_HV_ADR1
—
40
VSS_HV_ADR1
—
41
VDD_HV_ADV
—
42
VSS_HV_ADV
—
43
B[13]
SIUL
—
GPIO[29]
LINFlexD_1
—
RXD
ADC_1
—
AN[0]
44
B[14]
SIUL
—
GPIO[30]
eTimer_0
—
ETC[4]
SIUL
—
EIRQ[19]
ADC_1
—
AN[1]
45
C[0]
SIUL
—
GPIO[32]
ADC_1
—
AN[3]
46
E[0]
SIUL
—
GPIO[64]
ADC_1
—
AN[5]
47
BCTRL
—
Table 3. LQFP100 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function