| データシートサーチシステム |
|
SPC56EL70L3 データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL70L3 データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 128 page ![]() DocID023953 Rev 5 9/128 SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5 Introduction 127 Modules Interrupt Controller (INTC) 16 interrupt levels, replicated module Periodic Interrupt Timer (PIT) 1 × 4 channels System Timer Module (STM) 1 × 4 channels, replicated module Software Watchdog Timer (SWT) Yes, replicated module eDMA 16 channels, replicated module FlexRay 1 × 64 message buffers, dual channel FlexCAN 3 × 32 message buffers LINFlexD (UART and LIN with DMA support) 2 Clock out Yes Fault Collection and Control Unit (FCCU) Yes Cross Triggering Unit (CTU) Yes eTimer 3 × 6 channels(1) FlexPWM 2 Module 4 × (2 + 1) channels(2) Analog-to- Digital Converter (ADC) 2 × 12-bit ADC, 16 channels per ADC (3 internal, 4 shared and 9 external) Sine Wave Generator (SWG) 32 point Table 1. SPC56XL70/SPC56X64 device summary (continued) Feature SPC56EL64 SPC56EL70 SPC564L64 SPC564L70 |