| データシートサーチシステム |
|
SPC56EL70L3 データシート(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL70L3 データシート(HTML) 34 Page - STMicroelectronics |
|
34 / 128 page ![]() Package pinouts and signal descriptions SPC56EL70L3, SPC56EL70L5,PC564L70L3, 34/128 DocID023953 Rev 5 Figure 3 shows the SPC56XL70 in the LQFP144 package. Figure 3. SPC56XL70 LQFP144 pinout (top view) Table 3 and Table 4 provides the pin function summaries for the 100-pin and 144-pin packages respectively, listing all the signals multiplexed to each pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 108 107 106 105 104 103 102 101 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 NMI A[6] D[1] F[4] F[5] VDD_HV_IO VSS_HV_IO F[6] MDO0 A[7] C[4] A[8] C[5] A[5] C[7] VDD_HV_REG_0 VSS_LV_COR VDD_LV_COR F[7] F[8] VDD_HV_IO VSS_HV_IO F[9] F[10] F[11] D[9] VDD_HV_OSC VSS_HV_OSC XTAL EXTAL RESET D[8] D[5] D[6] VSS_LV_PLL0_PLL1 VDD_LV_PLL0_PLL1 A[4] VPP_TEST F[12] D[14] G[3] C[14] G[2] C[13] G[4] D[12] G[6] VDD_HV_FLA VSS_HV_FLA VDD_HV_REG_1 VSS_LV_COR VDD_LV_COR A[3] VDD_HV_IO VSS_HV_IO B[4] TCK TMS B[5] G[5] A[2] G[7] C[12] G[8] C[11] G[9] D[11] G[10] D[10] G[11] A[1] A[0] LQFP144 package Table 3. LQFP100 pin function summary Pin # Port/function Peripheral Output function Input function 1NMI — 2A[6] SIUL GPIO[6] GPIO[6] DSPI_1 SCK SCK SIUL — EIRQ[6] 3D[1] SIUL GPIO[49] GPIO[49] eTimer_1 ETC[2] ETC[2] CTU_0 EXT_TGR — FlexRay — CA_RX |