| データシートサーチシステム |
|
SPC56EL70L3 データシート(PDF) 116 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL70L3 データシート(HTML) 116 Page - STMicroelectronics |
|
116 / 128 page ![]() Electrical characteristics SPC56EL70L3, SPC56EL70L5,PC564L70L3, SPC564L70L5 116/128 DocID023953 Rev 5 Figure 30. DSPI classic SPI timing — master, CPHA = 0 12 tHO D Data hold time for outputs Master (MTFE = 0) –2 — ns Slave 6 — Master (MTFE = 1, CPHA = 0) 6 — Master (MTFE = 1, CPHA = 1) –2 — 1. Slave Receive Only Mode can operate at a maximum frequency of 60 MHz. In this mode, the DSPI can receive data on SIN, but no valid data is transmitted on SOUT. Table 39. DSPI timing (continued) No. Symbol Parameter Conditions Min Max Unit Data Last Data First Data First Data Data Last Data SIN SOUT PCSx SCK Output 4 9 12 1 11 10 4 SCK Output (CPOL=0) (CPOL=1) 3 2 Note: The numbers shown are referenced in Table 39. |