| データシートサーチシステム |
|
ST7LITE49K2 データシート(PDF) 239 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE49K2 データシート(HTML) 239 Page - STMicroelectronics |
|
239 / 245 page ![]() ST7LITE49K2 Device configuration and ordering information 239/245 AN1150 Benchmark ST72 vs PC16 AN1151 Performance comparison between ST72254 & PC16F876 AN1278 LIN (Local Interconnect Network) solutions Product migration AN1131 Migrating applications from ST72511/311/214/124 to ST72521/321/324 AN1322 Migrating an application from ST7263 Rev.B to ST7263B AN1365 Guidelines for migrating ST72C254 applications to ST72F264 AN1604 How to use ST7MDT1-TRAIN with ST72F264 AN2200 Guidelines for migrating ST7LITE1x applications to ST7FLITE1xB Product optimization AN 982 Using ST7 with ceramic resonator AN1014 How to minimize the ST7 power consumption AN1015 Software techniques for improving microcontroller EMC performance AN1040 Monitoring the Vbus signal for USB self-powered devices AN1070 ST7 checksum self-checking capability AN1181 Electrostatic discharge sensitive measurement AN1324 Calibrating the RC oscillator of the ST7FLITE0 MCU using the mains AN1502 Emulated data EEPROM with ST7 HD Flash memory AN1529 Extending the current & voltage capability on the ST7265 VDDF supply AN1530 Accurate timebase for low-cost ST7 applications with internal RC oscillator AN1605 Using an active RC to wake up the ST7LITE0 from power saving mode AN1636 Understanding and minimizing ADC conversion errors AN1828 PIR (passive infrared) detector using the ST7FLITE05/09/SUPERLITE AN1946 Sensorless BLDC motor control and BEMF sampling methods with ST7MC AN1953 PFC for ST7MC starter kit AN1971 ST7LITE0 microcontrolled ballast Programming and tools AN 978 ST7 Visual DeVELOP software key debugging features AN 983 Key features of the Cosmic ST7 C-compiler package AN 985 Executing code In ST7 RAM AN 986 Using the indirect addressing mode with ST7 AN 987 ST7 serial test controller programming AN 988 Starting with ST7 assembly tool chain AN1039 ST7 math utility routines Table 111. ST7 application notes (continued) Identification Description |