| データシートサーチシステム |
|
ST7LITE49K2 データシート(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE49K2 データシート(HTML) 27 Page - STMicroelectronics |
|
27 / 245 page ![]() ST7LITE49K2 Flash programmable memory 27/245 during a reset. In the application, even if the pin is configured as output, any reset will put it back in input pull-up. Figure 5. Typical ICC Interface PROGRAMMING TOOL ICC CONNECTOR HE10 CONNECTOR TYPE APPLICATION POWER SUPPLY 1 2 4 6 8 10 97 5 3 ICC CONNECTOR APPLICATION BOARD ICC Cable (See Note 3) ST7 OPTIONAL See Note 1 See Note 1 and Caution See Note 2 APPLICATION RESET SOURCE APPLICATION I/O (See Note 4) |