| データシートサーチシステム |
|
ST7MC2S6-Auto データシート(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S6-Auto データシート(HTML) 84 Page - STMicroelectronics |
|
84 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) I/O ports ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 84/371 Table 32. Port configuration Port Pin name Input Output OR = 0 OR = 1 OR = 0 OR = 1 Port A PA7, PA5 Floating Floating interrupt Open drain Push-pull PA6, PA3 Pull-up interrupt Open drain Push-pull PA2:0 Pull-up Open drain Push-pull Port B PB7 Floating interrupt Open drain Push-pull PB6 Pull-up interrupt Open drain Push-pull PB5:0 Pull-up Open drain Push-pull Port C PC7:4 Pull-up Open drain Push-pull PC3, PC1 Pull-up interrupt Open drain Push-pull PC2, PC0 Floating interrupt Open drain Push-pull Port D PD7, PD0 Pull-up Open drain Push-pull PD6, PD3, PD1 Floating interrupt Open drain Push-pull PD5, PD4, PD2 Pull-up interrupt Open drain Push-pull Port E PE5:0 Pull-up Open drain Push-pull Port F PF5:0 Pull-up Open drain Push-pull Port G PG7:0 Pull-up Open drain Push-pull Port H PH7:0 Pull-up Open drain Push-pull Obsolete Product(s) - Obsolete Product(s) |