| データシートサーチシステム |
|
ST7MC2S6-Auto データシート(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S6-Auto データシート(HTML) 42 Page - STMicroelectronics |
|
42 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) Supply, reset and clock management ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, 42/371 6 Supply, reset and clock management 6.1 Introduction The device includes a range of utility features for securing the application in critical situations (for example in case of a power brown-out), and reducing the number of external components. An overview is shown in Figure 9. For more details, refer to dedicated parametric section. 6.2 Main features ● Reset sequence manager (RSM) ● 1 crystal/ceramic resonator oscillator ● System integrity management (SI) – Main supply low voltage detection (LVD) – Auxiliary voltage detector (AVD) with interrupt capability for monitoring the main supply – Clock security system (CSS) with the VCO of the PLL, providing a backup safe oscillator – Clock detector – PLL which can be used to multiply the frequency by 2 if the clock frequency input is 8MHz. Obsolete Product(s) - Obsolete Product(s) |