| データシートサーチシステム |
|
ST7MC2S6-Auto データシート(PDF) 330 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S6-Auto データシート(HTML) 330 Page - STMicroelectronics |
|
330 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) Electrical characteristics ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 330/371 Figure 139. Two typical applications with unused I/O pin 1. I/O can be left unconnected if it is configured as output (0 or 1) by the software. This has the advantage of greater EMC robustness and lower cost. Figure 140. Typical IPU vs. VDD with VIN =VSS Figure 141. Typical RPU vs. VDD with VIN =VSS 10k Ω Unused I/O port 10k Ω Unused I/O port ST7MC1K2-Auto VDD ST7MC1K6-Auto ST7MC2S4-Auto ST7MC2S6-Auto ST7MC1K2-Auto ST7MC1K6-Auto ST7MC2S4-Auto ST7MC2S6-Auto 0 10 20 30 40 50 60 70 80 90 3.5 4 4.5 5 5.5 VDD (V) Temperature (-45 ºC) Temperature (25 ºC) Temperature (90 ºC) Temperature (130 ºC) 0 50 100 150 200 250 300 3.5 4 4.5 5 5.5 VDD (V) Temperature (-45 ºC) Temperature (25 ºC) Temperature (90 ºC) Temperature (130 ºC) Obsolete Product(s) - Obsolete Product(s) |