| データシートサーチシステム |
|
ST7MC2S6-Auto データシート(PDF) 367 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC2S6-Auto データシート(HTML) 367 Page - STMicroelectronics |
|
367 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto Known limitations 367/371 semaphore. If it is '1' this means that the last interrupt was missed and the interrupt routine is invoked with the call instruction. To implement the workaround, the following software sequence is to be followed for writing into the PxOR/PxDDR registers. The example is for Port PF1 with falling edge interrupt sensitivity. The software sequence is given for both cases (global interrupt disabled/enabled). Case 1: Writing to PxOR or PxDDR with global interrupts enabled: LD A,#01 LD sema,A; set the semaphore to '1' LD A,PFDR AND A,#02 LD X,A; store the level before writing to PxOR/PxDDR LD A,#$90 LD PFDDR,A; Write to PFDDR LD A,#$ff LD PFOR,A ; Write to PFOR LD A,PFDR AND A,#02 LD Y,A; store the level after writing to PxOR/PxDDR LD A,X; check for falling edge cp A,#02 jrne OUT TNZ Y jrne OUT LD A,sema; check the semaphore status if edge is detected CP A,#01 jrne OUT call call_routine; call the interrupt routine OUT:LD A,#00 LD sema,A .call_routine; entry to call_routine Push A Push X Push CC .ext1_rt; entry to interrupt routine LD A,#00 LD sema,A IRET Case 2: Writing to PxOR or PxDDR with global interrupts disabled: SIM; set the interrupt mask LD A,PFDR AND A,#$02 LD X,A; store the level before writing to PxOR/PxDDR LD A,#$90 LD PFDDR,A; Write into PFDDR LD A,#$ff LD PFOR,A ; Write to PFOR LD A,PFDR AND A,#$02 LD Y,A; store the level after writing to PxOR/PxDDR Obsolete Product(s) - Obsolete Product(s) |