データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72361J9-Auto データシート(PDF) 77 Page - STMicroelectronics

部品番号 ST72361J9-Auto
部品情報  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361J9-Auto データシート(HTML) 77 Page - STMicroelectronics

Back Button ST72361J9-Auto Datasheet HTML 73Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 74Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 75Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 76Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 77Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 78Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 79Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 80Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 279 page
background image
ST72361xx-Auto
I/O ports
Doc ID 12468 Rev 3
77/279
8.4.3
Pull-up input port
The PC4 port cannot operate as a general purpose output. If DDR = 1 it is still possible to
read the port through the DR register.
Table 31.
Configuration of PC4
Mode
pull-up input
Table 32.
Port configuration
Port
Pin name
Input
Output
OR = 0
OR = 1
OR = 0
OR = 1
Port A
PA0
floating
pull-up interrupt (ei0)
open drain
push-pull
PA1
floating interrupt (ei0)
PA2
pull-up interrupt (ei0)
PA3
floating interrupt (ei0)
PA4
pull-up interrupt (ei0)
PA5
floating interrupt (ei0)
PA6
pull-up interrupt (ei0)
PA7
floating interrupt (ei0)
Port B
PB0
floating
pull-up interrupt (ei1)
open drain
push-pull
PB1
floating interrupt (ei1)
PB2
pull-up interrupt (ei1)
PB3
floating interrupt (ei1)
PB4
pull-up interrupt (ei1)
PB5
floating interrupt (ei1)
Port C
PC0
floating
pull-up
open drain
push-pull
PC1
pull-up interrupt (ei2)
PC2
floating interrupt (ei2)
PC3
pull-up
PC4
pull-up
PC7:5
floating
pull-up
open drain
push-pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More