| データシートサーチシステム |
|
ST72361J9-Auto データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361J9-Auto データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 279 page ![]() Description ST72361xx-Auto 26/279 Doc ID 12468 Rev 3 44 - - PF0 I/O TT XX X X Port F0 45 30 - PF1 / AIN7 I/O TT X X X X X Port F1 ADC analog input 7 46 31 - PF2 / AIN8 I/O TT X X X X X Port F2 ADC analog input 8 47 32 23 PD1 / SCI1_RDI I/O CT X ei3 X X Port D1 LINSCI1 receive data input 48 33 24 PD2 / SCI1_TDO I/O CT XX X X Port D2 LINSCI1 transmit data output 49 - - PF3 / AIN9 I/O TT X X X X X Port F3 ADC analog input 9 50 - - PF4 I/O TT XX X X Port F4 51 - - TLI I CT X X Top level interrupt input pin 52 34 - PF5 I/O TT XX X X Port F5 53 35 25 PD3 (HS) / SCI2_SCK I/O CT HS X X X X Port D3 LINSCI2 serial clock output 54 36 26 PD4 / SCI2_RDI I/O CT X ei3 X X Port D4 LINSCI2 receive data input 55 37 27 VSSA S Analog ground voltage 56 38 28 VSS_0 S Digital ground voltage 57 39 29 VDDA I Analog reference voltage for ADC 58 40 30 VDD_0 S Digital main supply voltage 59 41 31 PD5 / SCI2_TDO I/O CT XX X X Port D5 LINSCI2 transmit data output 60 42 32 RESET I/O CT Top priority non maskable interrupt. 61 43 - PD6 / AIN10 I/O CT X ei3 X X X Port D6 ADC analog input 10 62 44 - PD7 / AIN11 I/O CT X ei3 X X X Port D7 ADC analog input 11 63 - - PF6 I/O TT XX X X Port F6 64 - - PF7 I/O TT XX X X Port F7 1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating interrupt input. 2. OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscillator; see Chapter 1: Description and Section 20.5: Clock and timing characteristics for more details. 3. Input mode can be used for general purpose I/O, output mode cannot be used. On the chip, each I/O port has eight pads. Pads that are not bonded to external pins are in input pull-up configuration after reset. The configuration of these pads must be kept at reset state to avoid added current consumption. Table 3. Device pin description (continued) Pin n° Pin name Level Port Main function (after reset) Alternate function Input(1) Output |