データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72361J9-Auto データシート(PDF) 44 Page - STMicroelectronics

部品番号 ST72361J9-Auto
部品情報  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361J9-Auto データシート(HTML) 44 Page - STMicroelectronics

Back Button ST72361J9-Auto Datasheet HTML 40Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 41Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 42Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 43Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 44Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 45Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 46Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 47Page - STMicroelectronics ST72361J9-Auto Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 279 page
background image
Supply, reset and clock management
ST72361xx-Auto
44/279
Doc ID 12468 Rev 3
The LVD function is illustrated in Figure 15.
Provided the minimum VDD value (guaranteed for the oscillator frequency) is above VIT-(LVD),
the MCU can only be in two modes:
●
under full software control
●
in static safe reset
In these conditions, secure operation is always ensured for the application without the need
for external reset hardware.
During a Low Voltage Detector Reset, the RESET pin is held low, thus permitting the MCU
to reset other devices.
Note:
The LVD allows the device to be used without any external RESET circuitry.
The LVD is an optional function which can be selected by option byte.
It is recommended to make sure that the VDD supply voltage rises monotonously when the
device is exiting from Reset, to ensure the application functions properly.
Figure 15.
Low voltage detector vs reset
5.6.2
Auxiliary voltage detector (AVD)
The Voltage Detector function (AVD) is based on an analog comparison between a VIT-(AVD)
and VIT+(AVD) reference value and the VDD main supply. The VIT-(AVD) reference value for
falling voltage is lower than the VIT+(AVD) reference value for rising voltage in order to avoid
parasitic detection (hysteresis).
The output of the AVD comparator is directly readable by the application software through a
real time status bit (AVDF) in the SICSR register. This bit is read only.
Caution:
The AVD function is active only if the LVD is enabled through the option byte.
Monitoring the VDD main supply
If the AVD interrupt is enabled, an interrupt is generated when the voltage crosses the
VIT+(AVD) or VIT-(AVD) threshold (AVDF bit toggles).
In the case of a drop in voltage, the AVD interrupt acts as an early warning, allowing
software to shut down safely before the LVD resets the microcontroller (see Figure 16).
The interrupt on the rising edge is used to inform the application that the VDD warning state
is over.
If the voltage rise time trv is less than 256 or 4096 CPU cycles (depending on the reset delay
selected by option byte), no AVD interrupt will be generated when VIT+(AVD) is reached.
VDD
VIT+(LVD)
RESET
VIT-(LVD)
Vhys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More