| データシートサーチシステム |
|
STM8L152C4 データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C4 データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 142 page ![]() DocID15962 Rev 15 61/142 STM8L151x4/6, STM8L152x4/6 Option bytes 61 OPT5 BOR_ON: 0: Brownout reset off 1: Brownout reset on BOR_TH[3:1]: Brownout reset thresholds. Refer to Table 23 for details on the thresholds according to the value of BOR_TH bits. OPTBL OPTBL[15:0]: This option is checked by the boot ROM code after reset. Depending on content of addresses 00 480B, 00 480C and 0x8000 (reset vector) the CPU jumps to the bootloader or to the reset vector. Refer to the UM0560 bootloader user manual for more details. Table 13. Option byte description (continued) Option byte No. Option description |