| データシートサーチシステム |
|
STM8L152C4 データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L152C4 データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 142 page ![]() DocID15962 Rev 15 67/142 STM8L151x4/6, STM8L152x4/6 Electrical parameters 115 9.3.2 Embedded reset and power control block characteristics Table 19. Embedded reset and power control block characteristics Symbol Parameter Conditions Min Typ Max Unit tVDD VDD rise time rate BOR detector enabled 0(1) - ∞(1) µs/V VDD fall time rate BOR detector enabled 20(1) - ∞(1) tTEMP Reset release delay VDD rising BOR detector enabled -3- ms VDD rising BOR detector disabled -1- VPDR Power-down reset threshold Falling edge 1.30(2) 1.50 1.65 V VBOR0 Brown-out reset threshold 0 (BOR_TH[2:0]=000) Falling edge 1.67 1.70 1.74 V Rising edge 1.69 1.75 1.80 VBOR1 Brown-out reset threshold 1 (BOR_TH[2:0]=001) Falling edge 1.87 1.93 1.97 Rising edge 1.96 2.04 2.07 VBOR2 Brown-out reset threshold 2 (BOR_TH[2:0]=010) Falling edge 2.22 2.3 2.35 Rising edge 2.31 2.41 2.44 VBOR3 Brown-out reset threshold 3 (BOR_TH[2:0]=011) Falling edge 2.45 2.55 2.60 Rising edge 2.54 2.66 2.7 VBOR4 Brown-out reset threshold 4 (BOR_TH[2:0]=100) Falling edge 2.68 2.80 2.85 Rising edge 2.78 2.90 2.95 VPVD0 PVD threshold 0 Falling edge 1.80 1.84 1.88 V Rising edge 1.88 1.94 1.99 VPVD1 PVD threshold 1 Falling edge 1.98 2.04 2.09 Rising edge 2.08 2.14 2.18 VPVD2 PVD threshold 2 Falling edge 2.2 2.24 2.28 Rising edge 2.28 2.34 2.38 VPVD3 PVD threshold 3 Falling edge 2.39 2.44 2.48 Rising edge 2.47 2.54 2.58 VPVD4 PVD threshold 4 Falling edge 2.57 2.64 2.69 Rising edge 2.68 2.74 2.79 VPVD5 PVD threshold 5 Falling edge 2.77 2.83 2.88 Rising edge 2.87 2.94 2.99 VPVD6 PVD threshold 6 Falling edge 2.97 3.05 3.09 Rising edge 3.08 3.15 3.20 |