データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM8L152C4 データシート(PDF) 26 Page - STMicroelectronics

部品番号 STM8L152C4
部品情報  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L152C4 データシート(HTML) 26 Page - STMicroelectronics

Back Button STM8L152C4 Datasheet HTML 22Page - STMicroelectronics STM8L152C4 Datasheet HTML 23Page - STMicroelectronics STM8L152C4 Datasheet HTML 24Page - STMicroelectronics STM8L152C4 Datasheet HTML 25Page - STMicroelectronics STM8L152C4 Datasheet HTML 26Page - STMicroelectronics STM8L152C4 Datasheet HTML 27Page - STMicroelectronics STM8L152C4 Datasheet HTML 28Page - STMicroelectronics STM8L152C4 Datasheet HTML 29Page - STMicroelectronics STM8L152C4 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 142 page
background image
Pinout and pin description
STM8L151x4/6, STM8L152x4/6
26/142
DocID15962 Rev 15
4
Pinout and pin description
Figure 3. STM8L151C4, STM8L151C6 48-pin pinout (without LCD)
1. Reserved. Must be tied to VDD.
Figure 4. STM8L151K4, STM8L151K6 32-pin package pinout (without LCD)
1. Example given for the UFQFPN32 package. The pinout is the same for the LQFP32 package.
Figure 5. STM8L151Gx UFQFPN28 package pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More