| データシートサーチシステム |
|
STM32F072CB データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F072CB データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 128 page ![]() Functional overview STM32F072x8 STM32F072xB 16/128 DocID025004 Rev 5 back to the internal RC oscillator. A software interrupt is generated if enabled. Similarly, full interrupt management of the PLL clock entry is available when necessary (for example on failure of an indirectly used external crystal, resonator or oscillator). Figure 2. Clock tree Several prescalers allow the application to configure the frequency of the AHB and the APB domains. The maximum frequency of the AHB and the APB domains is 48 MHz. |