| データシートサーチシステム |
|
STM32F072CB データシート(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F072CB データシート(HTML) 38 Page - STMicroelectronics |
|
38 / 128 page ![]() Pinouts and pin descriptions STM32F072x8 STM32F072xB 38/128 DocID025004 Rev 5 D11 67D741 29 D1 PA8 I/O FT (3) USART1_CK, TIM1_CH1, EVENTOUT, MCO, CRS_SYNC - D10 68C742 30 D2 PA9 I/O FT (3) USART1_TX, TIM1_CH2, TIM15_BKIN, TSC_G4_IO1 - C12 69C643 31 C2 PA10 I/O FT (3) USART1_RX, TIM1_CH3, TIM17_BKIN, TSC_G4_IO2 - B12 70C844 32 C1 PA11 I/O FT (3) CAN_RX, USART1_CTS, TIM1_CH4, COMP1_OUT, TSC_G4_IO3, EVENTOUT USB_DM A12 71B845 33 C3 PA12 I/O FT (3) CAN_TX, USART1_RTS, TIM1_ETR, COMP2_OUT, TSC_G4_IO4, EVENTOUT USB_DP A11 72A846 34 B3 PA13 I/O FT (3) (4) IR_OUT, SWDIO, USB_NOE - C11 73 - - - - PF6 I/O FT (3) -- F11 74D647 35 B1 VSS S - - Ground G11 75 E6 48 36 B2 VDDIO2 S - - Digital power supply A10 76A749 37 A1 PA14 I/O FT (3) (4) USART2_TX, SWCLK - A9 77 A6 50 38 A2 PA15 I/O FT (3) SPI1_NSS, I2S1_WS, USART2_RX, USART4_RTS, TIM2_CH1_ETR, EVENTOUT - B11 78B751 - - PC10 I/O FT (3) USART3_TX, USART4_TX - Table 13. STM32F072x8/xB pin definitions (continued) Pin numbers Pin name (function upon reset) Pin type Pin functions Alternate functions Additional functions |