| データシートサーチシステム |
|
STM32L471RG データシート(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L471RG データシート(HTML) 59 Page - STMicroelectronics |
|
59 / 218 page ![]() DocID027226 Rev 1 59/218 STM32L471xx Pinouts and pin description 90 Table 15. STM32L471xx pin definitions Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions - 1 B2 1 PE2 I/O FT - TRACECK, TIM3_ETR, TSC_G7_IO1, FMC_A23, SAI1_MCLK_A, EVENTOUT - - 2 A1 2 PE3 I/O FT - TRACED0, TIM3_CH1, TSC_G7_IO2, FMC_A19, SAI1_SD_B, EVENTOUT - - 3 B1 3 PE4 I/O FT - TRACED1, TIM3_CH2, DFSDM_DATIN3, TSC_G7_IO3, FMC_A20, SAI1_FS_A, EVENTOUT - - 4 C2 4 PE5 I/O FT - TRACED2, TIM3_CH3, DFSDM_CKIN3, TSC_G7_IO4, FMC_A21, SAI1_SCK_A, EVENTOUT - - 5 D2 5 PE6 I/O FT - TRACED3, TIM3_CH4, FMC_A22, SAI1_SD_A, EVENTOUT RTC_TAMP3/ WKUP3 1 6 E2 6 VBAT S - - - - 2 7 C1 7 PC13 I/O FT (1) (2) EVENTOUT RTC_TAMP1/ RTC_TS/ RTC_OUT/ WKUP2 38 D1 8 PC14- OSC32_IN (PC14) I/O FT (1) (2) EVENTOUT OSC32_IN 49 E1 9 PC15- OSC32_OUT (PC15) I/O FT (1) (2) EVENTOUT OSC32_OUT - - D6 10 PF0 I/O FT_f - I2C2_SDA, FMC_A0, EVENTOUT - - - D5 11 PF1 I/O FT_f - I2C2_SCL, FMC_A1, EVENTOUT - - - D4 12 PF2 I/O FT - I2C2_SMBA, FMC_A2, EVENTOUT - - - E4 13 PF3 I/O FT_a - FMC_A3, EVENTOUT ADC3_IN6 - - F3 14 PF4 I/O FT_a - FMC_A4, EVENTOUT ADC3_IN7 - - F4 15 PF5 I/O FT_a - FMC_A5, EVENTOUT ADC3_IN8 - 10 F2 16 VSS S - - - - -11 G2 17 VDD S - - - - |