| データシートサーチシステム |
|
STM32L471RG データシート(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L471RG データシート(HTML) 65 Page - STMicroelectronics |
|
65 / 218 page ![]() DocID027226 Rev 1 65/218 STM32L471xx Pinouts and pin description 90 36 54 K10 76 PB15 I/O FT - RTC_REFIN, TIM1_CH3N, TIM8_CH3N, SPI2_MOSI, DFSDM_CKIN2, TSC_G1_IO4, SWPMI1_SUSPEND, SAI2_SD_A, TIM15_CH2, EVENTOUT - - 55 K9 77 PD8 I/O FT - USART3_TX, FMC_D13, EVENTOUT - - 56 K8 78 PD9 I/O FT - USART3_RX, FMC_D14, SAI2_MCLK_A, EVENTOUT - - 57 J12 79 PD10 I/O FT - USART3_CK, TSC_G6_IO1, FMC_D15, SAI2_SCK_A, EVENTOUT - - 58 J11 80 PD11 I/O FT - USART3_CTS, TSC_G6_IO2, FMC_A16, SAI2_SD_A, LPTIM2_ETR, EVENTOUT - - 59 J10 81 PD12 I/O FT - TIM4_CH1, USART3_RTS_DE, TSC_G6_IO3, FMC_A17, SAI2_FS_A, LPTIM2_IN1, EVENTOUT - - 60 H12 82 PD13 I/O FT - TIM4_CH2, TSC_G6_IO4, FMC_A18, LPTIM2_OUT, EVENTOUT - - - - 83 VSS S - - - - -- - 84 VDD S - - - - - 61 H11 85 PD14 I/O FT - TIM4_CH3, FMC_D0, EVENTOUT - - 62 H10 86 PD15 I/O FT - TIM4_CH4, FMC_D1, EVENTOUT - - - G10 87 PG2 I/O FT_s - SPI1_SCK, FMC_A12, SAI2_SCK_B, EVENTOUT - - - F9 88 PG3 I/O FT_s - SPI1_MISO, FMC_A13, SAI2_FS_B, EVENTOUT - - - F10 89 PG4 I/O FT_s - SPI1_MOSI, FMC_A14, SAI2_MCLK_B, EVENTOUT - Table 15. STM32L471xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |