データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8670AS データシート(PDF) 2 Page - Texas Instruments

部品番号 FDMS8670AS
部品情報  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8670AS データシート(HTML) 2 Page - Texas Instruments

  FDMS8670AS Datasheet HTML 1Page - Texas Instruments FDMS8670AS Datasheet HTML 2Page - Texas Instruments FDMS8670AS Datasheet HTML 3Page - Texas Instruments FDMS8670AS Datasheet HTML 4Page - Texas Instruments FDMS8670AS Datasheet HTML 5Page - Texas Instruments FDMS8670AS Datasheet HTML 6Page - Texas Instruments FDMS8670AS Datasheet HTML 7Page - Texas Instruments FDMS8670AS Datasheet HTML 8Page - Texas Instruments FDMS8670AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS51218
SLUS935B
– MAY 2009 – REVISED FEBRUARY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
ORDERING DEVICE
OUTPUT
MINIMUM
TA
PACKAGE
PINS
NUMBER
SUPPLY
QUANTITY
TPS51218DSCR
10
Tape and reel
3000
–40°C to 85°C
Plastic SON PowerPAD
TPS51218DSCT
10
Mini reel
250
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VBST
–0.3 to 37
VBST(3)
–0.3 to 7
Input voltage range(2)
V
SW
–5 to 30
V5IN, EN, TRIP, VFB, RF
–0.3 to 7
DRVH
–5 to 37
DRVH(3)
–0.3 to 7
DRVH(3), pulse width
< 20 ns
–2.5 to 7
Output voltage range(2)
V
DRVL
–0.5 to 7
DRVL, pulse width
< 20 ns
–2.5 to 7
PGOOD
–0.3 to 7
TJ
Junction temperature range
150
°C
TSTG
Storage temperature range
–55 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
(3)
Voltage values are with respect to the SW terminal.
DISSIPATION RATINGS
2-oz. trace and copper pad with solder.
PACKAGE
TA < 25°C
DERATING FACTOR
TA = 85°C
POWER RATING
ABOVE TA = 25°C
POWER RATING
10-pin DSC(1)
1.54 W
15 mW/
°C
0.62 W
(1)
Enhanced thermal conductance by thermal vias is used beneath thermal pad as shown in Land Pattern information.
2
Submit Documentation Feedback
Copyright
© 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS51218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com