データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDMS8670AS データシート(PDF) 5 Page - Texas Instruments

部品番号 FDMS8670AS
部品情報  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

FDMS8670AS データシート(HTML) 5 Page - Texas Instruments

  FDMS8670AS Datasheet HTML 1Page - Texas Instruments FDMS8670AS Datasheet HTML 2Page - Texas Instruments FDMS8670AS Datasheet HTML 3Page - Texas Instruments FDMS8670AS Datasheet HTML 4Page - Texas Instruments FDMS8670AS Datasheet HTML 5Page - Texas Instruments FDMS8670AS Datasheet HTML 6Page - Texas Instruments FDMS8670AS Datasheet HTML 7Page - Texas Instruments FDMS8670AS Datasheet HTML 8Page - Texas Instruments FDMS8670AS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS51218
www.ti.com
SLUS935B
– MAY 2009 – REVISED FEBRUARY 2012
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, V5IN=5V. (Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTION: CURRENT SENSE
ITRIP
TRIP source current
VTRIP = 1V, TA = 25°C
9
10
11
μA
TRIP current temperature
TCITRIP
On the basis of 25
°C
4700
ppm/
°C
coeffficient
Current limit threshold setting
VTRIP
VTRIP-GND Voltage
0.2
3
V
range
VTRIP = 3.0 V
355
375
395
VOCL
Current limit threshold
VTRIP = 1.6 V
185
200
215
mV
VTRIP = 0.2 V
17
25
33
VTRIP = 3.0 V
–395
–375
–355
VOCLN
Negative current limit threshold
VTRIP = 1.6 V
–215
–200
–185
mV
VTRIP = 0.2 V
–33
–25
–17
Positive
3
15
Adaptive zero cross adjustable
VAZCADJ
mV
range
Negative
–15
–3
PROTECTION: UVP AND OVP
VOVP
OVP trip threshold
OVP detect
115%
120%
125%
tOVPDEL
OVP propagation delay time
50-mV overdrive
1
μs
VUVP
Output UVP trip threshold
UVP detect
65%
70%
75%
Output UVP propagation delay
tUVPDEL
0.8
1
1.2
ms
time
tUVPEN
Output UVP enable delay time
From Enable to UVP workable
1.0
1.2
1.4
ms
UVLO
Wake up
4.20
4.38
4.50
VUVV5IN
V5IN UVLO threshold
V
Shutdown
3.7
3.93
4.1
THERMAL SHUTDOWN
Shutdown temperature (3)
145
TSDN
Thermal shutdown threshold
°C
Hysteresis(3)
10
(3)
Ensured by design. Not production tested.
Copyright
© 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS51218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com