データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPEAR600 データシート(PDF) 49 Page - STMicroelectronics

部品番号 SPEAR600
部品情報  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 データシート(HTML) 49 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 45Page - STMicroelectronics SPEAR600 Datasheet HTML 46Page - STMicroelectronics SPEAR600 Datasheet HTML 47Page - STMicroelectronics SPEAR600 Datasheet HTML 48Page - STMicroelectronics SPEAR600 Datasheet HTML 49Page - STMicroelectronics SPEAR600 Datasheet HTML 50Page - STMicroelectronics SPEAR600 Datasheet HTML 51Page - STMicroelectronics SPEAR600 Datasheet HTML 52Page - STMicroelectronics SPEAR600 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
D8
E8
B7
C7
D7
E7
F7
F6
E6
D6
C6
B6
B5
C5
D5
E5
D4
C4
B4
A3
B3
C3
A2
B2
A1
B1
C1
C2
Table 16.
Multiplexing scheme (continued)
Ball
Mode 0
Mode 1
Mode 2
Mode 3
Mode 4
Mode 5
Full RAS
Mode 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97