| データシートサーチシステム |
|
GL813 データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL813 データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 24 page ![]() GL813 - USB2.0 CompactFlash Card Reader Controller ©2001-2002 Genesys Logic Inc.—All rights reserved. Page 3 of 24 1. General Description The GL813 is a high performance, low cost USB2.0 CompactFlash-single card reader controller. With the integration of GenesysLogic own design USB 2.0 high speed UTMI transceiver, the GL813 has made a conspicuous improvement with full speed USB 1.1 card readers on data transfer rate between PC host and flash memory card. There are totally 4 endpoints in GL813 controller, Control, Bulk In, Bulk Out, and Interrupt. Complies with USB 480Mbps specification ver. 2.0 and USB Storage Class specification ver. 1.0. (Bulk only protocol), the GL813 can support not only plug and play but also Windows ME/ 2000/ XP default driver. For the EMI consideration, the GL813 uses 12MHZ crystal and slew-rate controlled pads to reduce the EMI issue. The GL813 is 48-pin LQFP package (9mmX9mm) to make the best cost competitive for the high speed single flash card reader design and applications. Also we provide 100-pin LQFP package (14mmX14mm) with external ROM/ Flash for design flexibility. |