| データシートサーチシステム |
|
GL813 データシート(PDF) 16 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL813 データシート(HTML) 16 Page - List of Unclassifed Manufacturers |
|
16 / 24 page ![]() GL813 - USB2.0 CompactFlash Card Reader Controller ©2001-2002 Genesys Logic Inc.—All rights reserved. Page 16 of 24 CRC. When transmitting, the SIE is always expected to present a PID as the first byte of the data stream and if appropriate, CRC as the last bytes of the data stream. The SIE must use LINEST0/1 to verify a Bus Idle condition before asserting TXVLD in the TX Wait state. 5.1.2 Transmit Timing for Data Packet The SIE negates TXVLD to complete a packet. Once negated, the Transmit State Machine will never reassert TXRDY until after the EOP has been loaded into the Transmit Shift Register. Note that the UTM Transmit State Machine can be ready to start another package immediately, however the SIE must confirm to the minimum inter-packet delays identified in the USB 2.0 Specification. Data Data Data Data CRC CRC PID SYNC PID Data Data Data Data CRC C CRC C EOP P CLKOUT TXVLD Data TXRDY DP/DM |