| データシートサーチシステム |
|
GL813 データシート(PDF) 15 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL813 データシート(HTML) 15 Page - List of Unclassifed Manufacturers |
|
15 / 24 page ![]() GL813 - USB2.0 CompactFlash Card Reader Controller ©2001-2002 Genesys Logic Inc.—All rights reserved. Page 15 of 24 5. Functional Description 5.1 Transmit Operation 5.1.1 Transmit State Diagram Transmit must be asserted to enable any transmissions. The SIE asserts TXVLD to begin a transmission. The SIE negates TXVLD to end a transmission. After the SIE asserts TXVLD it can assume that the transmission has started when it detects TXRDY asserted. The SIE assumes that the UTM has consumed a data byte if TXRDY and TXVLD are asserted. The SIE must have valid packet information (PID) asserted on the Data bus coincident with the assertion of TXVLD. Depending on the UTM implementation, TXRDY may be asserted by the Transmit State Machine as soon as one CLK after the assertion of TXVLD. TXVLD and TXRDY are sampled on the rising edge of CLKOUT. The Transmit State Machine does not automatically generate Packet ID’s (PIDs) or Reset !TXRDY TX Wait Send SYNC TX Data Load TXRDY TX Data Wait !TXRDY Send EOP !TXRDY HRST# !HRST# TXVLD !TXVLD TX Hold Reg Empty TX Hold Reg Full TX Hold Reg Empty TX Hold Reg Full EOP not done !TXVLD |