| データシートサーチシステム |
|
HT7M2136 データシート(PDF) 10 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT7M2136 データシート(HTML) 10 Page - Holtek Semiconductor Inc |
|
10 / 25 page ![]() Rev. 1.20 10 June 17, 2016 HT7M2126/27/36/56/76 Appendix A – Communication Protocol Protocol definitions Module I2C Address Defined Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 I2C Address IICA6 IICA5 IICA4 IICA3 IICA2 IICA1 IICA0 R/W 1 0 0 1 1 0 0 x Register Pointer HOST_CMD Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 D7 D6 D5 D4 Pointer Bit Bit 7~4 D7~D4:Writablebits,mustbefixedat“0” Bit7~4mustalwaysbeclearedorwrittento“0”.Thisdevicehasadditionalregistersthatare reserved for test and calibration. If these registers are accessed, the device may not perform accordingtothespecification. Bit 3~0 Pointer Bits: 0000=Configstandbywithdetectingmode 0001=Configurationregister(CONFIG) 0010=Configmoduleaddress 0011=ConfigTrigtimeinterval 0100 = EEPROM access 0101 = PIR A/D RAW data 0110 = Optical sensor A/D RAW data 0111 = Temperature sensor A/D RAW data 1000 = Trig register 1001 = Manufacture ID 1010 = Device ID/Revision register 1011 =Testresultinquire 1100 = Reset test result 1xxx=RFU(Note) Note: Some registers contain calibration codes and should not be accessed. Accessing these registers could cause permanent sensor decalibration. |