| データシートサーチシステム |
|
HT7M2136 データシート(PDF) 12 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT7M2136 データシート(HTML) 12 Page - Holtek Semiconductor Inc |
|
12 / 25 page ![]() Rev. 1.20 12 June 17, 2016 HT7M2126/27/36/56/76 1. Sensor Config Register – CONFIG • Sensor Config Register → ADDRESS: 01H Bit 15 14 13 12 11 10 9 8 Name VLVD2 VLVD1 VLVD0 LVDEN PirEN D10 Trig mode ACTEN R/W R/W R/W R/W R/W R/W R/W R/W R/W Bit 7 6 5 4 3 2 1 0 Name Threshold2 Threshold1 Threshold0 PGAC4 PGAC3 PGAC2 PGAC1 PGAC0 R/W R/W R/W R/W R/W R/W R/W R/W R/W Bit 15~13 VLVD2~VLVD0: Select LVD Voltage 000: 2.0V 001: 2.2V 010: 2.4V 011: 2.7V (Default) 100: 3.0V 101: 3.3V 110: 3.6V 111: 4.0V Bit 12 LVDEN 1: Turn on the low voltage detection function (Default) 0: Turn off the low voltage detection function Bit 11 PirEN 1: Enable PIR detect (Default) 0: Disable PIR detect Bit 10 D10: Reserved bit 1: Not use, reserve for test mode 0: Not use, reserve for test mode (Default) Bit 9 Trig mode 1: Continuous trigger (Default) 0: Single trigger Bit 8 ACTEN 1: Enable ACT pin function (Default) 0: Disable ACT pin function Bit 7~5 Threshold2~Threshold0 000: Threshold Trigger 1 (offset ± 0.2), (Default) 001: Threshold Trigger 2 (offset ± 0.3) 010: Threshold Trigger 3 (offset ± 0.4) 011: Threshold Trigger 4 (offset ± 0.5) 100: Threshold Trigger 5 (offset ± 0.6) 101: Threshold Trigger 6 (offset ± 0.7) 110: Threshold Trigger 7 (offset ± 0.8) 111: Threshold Trigger 8 (offset ± 0.9) Note: lower sensitivity when at high threshold trigger. Bit 4~0 PGAC4~PGAC0 OPA2GainControl:gain=32+(PGAC×2),Defaultgain=64 Note:Highersensitivitywhenathighmagnification |