| データシートサーチシステム |
|
HT7M2136 データシート(PDF) 2 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT7M2136 データシート(HTML) 2 Page - Holtek Semiconductor Inc |
|
2 / 25 page ![]() Rev. 1.20 2 June 17, 2016 HT7M2126/27/36/56/76 Mode Selection The MODE/ACT (MODE/DT) pin is used to select the Network or Stand�alone mode. When a pull�low resistor is externally connected between the MODE/ACT (MODE/DT) pin to the ground, the Stand�alone mode is selected. Otherwise, the Network mode is selected if a pull�high resistor or no resistor is externally on this pin. Network Application Circuit – Network Mode Photo transistor 150K HT7M21xx VDD VSS MODE/ACT SCL VDD I²C Interface MCU SDA FTS Interface & Pin Assignment – Network Mode Pin # Function Description 1 VSS Negative power supply, GND 2 VDD Positive power supply 3 SDA Serial Data Input/Output for I2C interface 4 SCL Serial Clock Input for I2C interface 5 FTS Photo transistor signal 6 VSS Negative power supply, GND 7 MODE/ACT Mode Selection/Motion Detection Output 8 TP1 No connection (Test pin) Note: When the HT7M21xx selects Network mode and the internal enable bit ACTEN is high, the MODE/ACT pin will output a high pulse signal with a width of 30 seconds. Stand-alone Application Circuit – Stand-alone Mode HT7M21xx VDD TRO VSS VCC STATUS MODE/ACT FTS VDD CT=0.22uF RA=1.8K RT Photo transistor 150K |