| データシートサーチシステム |
|
WM8232 データシート(PDF) 98 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8232 データシート(HTML) 98 Page - Cirrus Logic |
|
98 / 141 page ![]() WM8232 98 Rev 4.6 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO 2 INV_M1 0 invert mask pulse "M1" 0 = non-inverted 1 = inverted 1 INV_T2 0 invert toggle pulse "T2" 0 = non-inverted 1 = inverted 0 INV_T1 0 invert toggle pulse "T1" 0 = non-inverted 1 = inverted Register B3h TG config 20 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R180 (B4h) TG config 21 3:0 SEL_FLAG[3:0] 0000 select signal to be output as datatrig 0xxx = flagpix 1000 = PO0 1001 = PO1 1010 = PO2 1011 = PO3 1100 = PO4 1101 = PO5 1110 = PO6 1111 = PO7 Register B4h TG config 21 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R181 (B5h) TG config 22 6:4 CYCPAT_PO1 [2:0] 000 PO1 cycle mode control [0] = pulse enable at cycle-1 [1] = pulse enable at cycle-2 [2] = pulse enable at cycle-3 2:0 CYCPAT_PO0 [2:0] 000 PO0 cycle mode control [0] = pulse enable at cycle-1 [1] = pulse enable at cycle-2 [2] = pulse enable at cycle-3 Register B5h TG config 22 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R182 (B6h) TG config 23 6:4 CYCPAT_PO3 [2:0] 000 PO3 cycle mode control [0] = pulse enable at cycle-1 [1] = pulse enable at cycle-2 [2] = pulse enable at cycle-3 2:0 CYCPAT_PO2 [2:0] 000 PO2 cycle mode control [0] = pulse enable at cycle-1 [1] = pulse enable at cycle-2 [2] = pulse enable at cycle-3 Register B6h TG config 23 |