| データシートサーチシステム |
|
AMBE2000 データシート(PDF) 20 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMBE2000 データシート(HTML) 20 Page - List of Unclassifed Manufacturers |
|
20 / 47 page ![]() AMBE-2000™ Vocoder Chip User’s Manual Version 3.0 page 20 Visit us at www.dvsinc.com Confidential Proprietary, Subject to Change Table 4-A Channel Interface Selection Table Interface Select Pins Port Type Active Formatted 0 0 Active Unformatted 0 1 Passive Formatted 1 0 Passive Unformatted 1 1 Table 4-B Unformatted Bit per Word Selection Table Interface Select Pins Number of Voice Data Bits per Word 1 0 0 2 0 1 3 1 0 4 1 1 All transfers occur through a serial port. The serial port inputs and outputs a 16 bit word for every write and read strobe signal respectively. Serial mode can be formatted or unformatted. Within the unformatted mode, the data is input and output in 16 bits words still but with only 1 to 4 voice data bits carried within each word. These four configurations can be seen in Table 4-B. See section 4.3 for all the details on the serial interface. |