| データシートサーチシステム |
|
AMBE2000 データシート(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMBE2000 データシート(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 47 page ![]() AMBE-2000™ Vocoder Chip User’s Manual Version 3.0 page 18 Visit us at www.dvsinc.com Confidential Proprietary, Subject to Change Table 3-F Electrical Characteristics over Recommended Operating Case Temperature Range (Unless Otherwise Noted) Parameter Test Conditions MIN TYP† MAX Unit VOH High-level output voltage‡ VDD = 3.3 ±V, IOH = MAX 2.4 V VOL Low-level output voltage‡ IOL = MAX 0.4 V II Input current in high impedance (VI = VSS to VDD) VDD = MAX, VI = VSS to VDD -10 10 µA CI Input capacitance 10 pF CO Output capacitance 10 pF † All values are typical unless otherwise specified. |