| データシートサーチシステム |
|
AMBE2000 データシート(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMBE2000 データシート(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 47 page ![]() AMBE-2000™ Vocoder Chip User’s Manual Version 3.0 page 13 Visit us at www.dvsinc.com Confidential Proprietary, Subject to Change 3.3 Clock and Reset Timing To reset the AMBE-2000 chip, the reset signal must be held low for a minimum of six clock cycles. The recovery time from reset is approximately 95 msec. In other words, 95 msec after the rising edge of the reset signal the AMBE-2000 starts processing PCM samples. The first packet will be ready after 252 PCM samples are read. Figure 3-A X2/CLKIN and CLKOUT Timing Diagram Table 3-A X2/CLKIN and CLKOUT Timing Parameters Reference Parameter Min Max Units tc(CI) Cycle time, X2/CLKIN Integer PLL multiplier N (N=4) 20 400 ns tf(CL) Fall time, X2/CLKIN 4 ns tr(CL) Rise time, X2/CLKIN 4 ns tw(CIL) Pulse duration, X2/CLKIN low 6 ns tw(CIH) Pulse duration, X2/CLKIN high 6 ns tp Transitory phase, PLL lock-up time 50 µs tc(CO) Cycle time, CLKOUT (typical is tc(CI)/4 15 ns td(CIH-CO) Delay time, X2/CLKIN high/low to CLKOUT high/low 4 16 ns tf(CO)/tr(CO) Fall/Rise time, CLKOUT (typical is 2 ns) Tw(COL) Pulse duration, CLKOUT low H-4 H ns Tw(COH) Pulse duration, CLKOUT high H-4 H ns • CLKOUT is shown for reference only. It is not to be connected in the circuit. • H = 7.629 ns Unstable tp t c(CI) t c(CO) t d(CIH-CO) t w(CIH) t w(CIL) t w(COH) t w(COL) t r(CI) t f(CI) t r(CO) t f(CO) X2/CLKIN CLKOUT |