| データシートサーチシステム |
|
LF356-MIL データシート(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LF356-MIL データシート(HTML) 4 Page - Texas Instruments |
|
4 / 28 page ![]() 4 LF356-MIL SNOSD55 – JUNE 2017 www.ti.com Product Folder Links: LF356-MIL Submit Documentation Feedback Copyright © 2017, Texas Instruments Incorporated (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) 100 pF discharged through 1.5-kΩ resistor 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2) ±1000 V 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT Supply voltage, VS ±15 V TA 0 TA 70 °C (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report. 6.4 Thermal Information THERMAL METRIC(1) LF356-MIL UNIT D (SOIC) P (PDIP) 8 PINS 8 PINS RθJA Junction-to-ambient thermal resistance 112.5 55.2 °C/W RθJC(top) Junction-to-case (top) thermal resistance 58.8 44.5 °C/W RθJB Junction-to-board thermal resistance 52.8 32.4 °C/W ψJT Junction-to-top characterization parameter 12.8 21.7 °C/W ψJB Junction-to-board characterization parameter 52.3 32.3 °C/W (1) Settling time is defined here, for a unity gain inverter connection using 2-kΩ resistors for the LF15x. It is the time required for the error voltage (the voltage at the inverting input pin on the amplifier) to settle to within 0.01% of its final value from the time a 10-V step input is applied to the inverter. For the LF357, AV = −5, the feedback resistor from output to input is 2 kΩ and the output step is 10 V (See Settling Time Test Circuit). 6.5 AC Electrical Characteristics, TA = TJ = 25°C, VS = ±15 V PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SR Slew Rate AV = 1 12 V/μs GBW Gain Bandwidth Product 5 MHz ts Settling Time to 0.01%(1) 1.5 μs en Equivalent Input Noise Voltage RS = 100 Ω f = 100 Hz 15 nV/ √Hz f = 1000 Hz 12 nV/ √Hz in Equivalent Input Current Noise f = 100 Hz 0.01 pA/ √Hz f = 1000 Hz 0.01 pA/ √Hz CIN Input Capacitance 3 pF 6.6 DC Electrical Characteristics, TA = TJ = 25°C, VS = ±15 V PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Supply current 5 10 mA |