データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PICDEM2 データシート(PDF) 42 Page - Microchip Technology

部品番号 PICDEM2
部品情報  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 データシート(HTML) 42 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 38Page - Microchip Technology PICDEM2 Datasheet HTML 39Page - Microchip Technology PICDEM2 Datasheet HTML 40Page - Microchip Technology PICDEM2 Datasheet HTML 41Page - Microchip Technology PICDEM2 Datasheet HTML 42Page - Microchip Technology PICDEM2 Datasheet HTML 43Page - Microchip Technology PICDEM2 Datasheet HTML 44Page - Microchip Technology PICDEM2 Datasheet HTML 45Page - Microchip Technology PICDEM2 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 37
LCD Demo
6.2
8-Bit Interface
6.2.1.
Main Routine (kbd8bit.asm)
The program initializes the ports, keypress variables and LCD, then goes into
an infinite loop where it looks for keypresses from the keyboard. When it
receives one, it relays the ASCII value of the key to the LCD routine for
display, then returns to look for another keypress.
Figure 6.7: Main Routine
Start
Configure PORTA,B,D
Initialize Keypress variables
Initialize LCD module
Keypress occurred?
Yes
No
(LCDInit)
Check for keypress
Display key on LCD
(ScanKbd)
(SendChar)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60