データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PICDEM2 データシート(PDF) 48 Page - Microchip Technology

部品番号 PICDEM2
部品情報  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 データシート(HTML) 48 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 44Page - Microchip Technology PICDEM2 Datasheet HTML 45Page - Microchip Technology PICDEM2 Datasheet HTML 46Page - Microchip Technology PICDEM2 Datasheet HTML 47Page - Microchip Technology PICDEM2 Datasheet HTML 48Page - Microchip Technology PICDEM2 Datasheet HTML 49Page - Microchip Technology PICDEM2 Datasheet HTML 50Page - Microchip Technology PICDEM2 Datasheet HTML 51Page - Microchip Technology PICDEM2 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 43
USART Demo
7.2 IntVector Routine
The interrupt service routine reads the transmitted data, displays the value on
the LEDs, and transmits the same data back to the sender. This routine also
checks for receive errors, and jumps to the RcvError routine if any are
found. It also determines if the interrupt is other than a receive interrupt, and
returns to the main program if it is.
Figure 7.3: Interrupt Vector Routine
IntVector
Interrupt Service Routine
Return
Receive Error?
RcvError
Yes
No
Read data, display on LEDs,
Non-USART interrupt?
Yes
No
and echo back to PC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60