データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PICDEM2 データシート(PDF) 15 Page - Microchip Technology

部品番号 PICDEM2
部品情報  simple board
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 データシート(HTML) 15 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 11Page - Microchip Technology PICDEM2 Datasheet HTML 12Page - Microchip Technology PICDEM2 Datasheet HTML 13Page - Microchip Technology PICDEM2 Datasheet HTML 14Page - Microchip Technology PICDEM2 Datasheet HTML 15Page - Microchip Technology PICDEM2 Datasheet HTML 16Page - Microchip Technology PICDEM2 Datasheet HTML 17Page - Microchip Technology PICDEM2 Datasheet HTML 18Page - Microchip Technology PICDEM2 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
PICDEM 2 User’s Guide
DS30374D-page 10
 2001 Microchip Technology Inc.
3.1 Main Routine
The tutorial program is extremely simple. It begins by configuring PORTB as
all outputs to drive the 8 LEDs and initializing a counter. Then it waits in an
infinite loop until S2 is pressed. This increases the counter by one, and this
number is displayed in binary on the LEDs. Once the count reaches FFh, the
next S2 press will roll the count back to 00h.
Figure 3.2: Main Routine
Start
Configure PORT B
Switch S2
pressed?
No
Yes
Increase Counter
Display count on LEDs
Zero Counter
Switch S2
released?
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60