| データシートサーチシステム |
|
WM8980 データシート(PDF) 48 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8980 データシート(HTML) 48 Page - Wolfson Microelectronics plc |
|
48 / 81 page ![]() WM8980 Product Preview w PP Rev 1.6 January 2005 48 OUT3/OUT4 MIXERS AND OUTPUT STAGES The OUT3/OUT4 pins can provide an additional stereo line output, a mono output, or a pseudo ground connection for headphones. There is a dedicated analogue mixer for OUT3 and one for OUT4 as shown in Figure 19. The OUT3 and OUT4 output stages are powered from SPKVDD and SPKGND. The individually controllable outputs also incorporate an optional 1.5x boost and level shifting stage. Figure 19 OUT3 and OUT4 Mixers OUT3 can provide a buffered midrail headphone pseudo-ground, or a left line output. OUT4 can provide a buffered midrail headphone pseudo-ground, a right line output, or a mono mix output. |