| データシートサーチシステム |
|
WM8980 データシート(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8980 データシート(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 81 page ![]() Product Preview WM8980 w PP Rev 1.6 January 2005 3 PIN CONFIGURATION ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8980GEFL/V -25 °C to +85°C 40-pin QFN (6 x 6 mm) (lead free) MSL3 260 oC WM8980GEFL/RV -25 °C to +85°C 40-pin QFN (6 x 6 mm) (lead free, tape and reel) MSL3 260 oC Note: Reel quantity = 3,500 |