| データシートサーチシステム |
|
WM8980 データシート(PDF) 63 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8980 データシート(HTML) 63 Page - Wolfson Microelectronics plc |
|
63 / 81 page ![]() Product Preview WM8980 w PP Rev 1.6 January 2005 63 MCLK (MHz) (F1) DESIRED OUTPUT (MHz) F2 (MHz) PRESCALE DIVIDE POSTSCALE DIVIDE R N (Hex) K (Hex) 12 11.29 90.3168 1 2 7.5264 7 86C227 12 12.288 98.304 1 2 8.192 8 3126E9 13 11.29 90.3168 1 2 6.947446 6 F28BD5 13 12.288 98.304 1 2 7.561846 7 8FD526 14.4 11.29 90.3168 1 2 6.272 6 45A1CB 14.4 12.288 98.304 1 2 6.826667 6 D3A06D 19.2 11.29 90.3168 2 2 9.408 9 6872B0 19.2 12.288 98.304 2 2 10.24 A 3D70A4 19.68 11.29 90.3168 2 2 9.178537 9 2DB493 19.68 12.288 98.304 2 2 9.990243 9 FD80A0 19.8 11.29 90.3168 2 2 9.122909 9 1F76F8 19.8 12.288 98.304 2 2 9.929697 9 EE009F 24 11.29 90.3168 2 2 7.5264 7 86C227 24 12.288 98.304 2 2 8.192 8 3126E9 26 11.29 90.3168 2 2 6.947446 6 F28BD5 26 12.288 98.304 2 2 7.561846 7 8FD526 27 11.29 90.3168 2 2 6.690133 6 BOAC94 27 12.288 98.304 2 2 7.281778 7 482297 12 11.29 90.3168 1 2 7.5264 7 86C227 12 12.288 98.304 1 2 8.192 8 3126E9 Table 52 PLL Frequency Examples GENERAL PURPOSE INPUT/OUTPUT The WM8980 has three dual purpose input/output pins and one dedicated GPIO. • CSB/GPIO1: CSB / GPIO pin • L2/GPIO2: Left channel line input / headphone detection input • R2/GPIO3: Right channel line input / headphone detection input • GPIO4: Dedicated GPIO The GPIO2 and GPIO3 functions are provided for use as jack detection inputs. The GPIO1 and GPIO4 functions are provided for use as jack detection inputs or general purpose outputs. The default configuration for the CSB/GPIO1 and GPIO4 pins are to be inputs. When setup as an input, the CSB/GPIO1 pin can either be used as CSB or for jack detection, depending on how the MODE pin is set. If setup as an input the GPIO4 pin can also be used for jack detection. Table 49 illustrates the functionality of the GPIO1 and GPIO4 pins when used as general purpose outputs. |