データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9230-11 データシート(PDF) 1 Page - Analog Devices

部品番号 AD9230-11
部品情報  11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9230-11 データシート(HTML) 1 Page - Analog Devices

  AD9230-11 Datasheet HTML 1Page - Analog Devices AD9230-11 Datasheet HTML 2Page - Analog Devices AD9230-11 Datasheet HTML 3Page - Analog Devices AD9230-11 Datasheet HTML 4Page - Analog Devices AD9230-11 Datasheet HTML 5Page - Analog Devices AD9230-11 Datasheet HTML 6Page - Analog Devices AD9230-11 Datasheet HTML 7Page - Analog Devices AD9230-11 Datasheet HTML 8Page - Analog Devices AD9230-11 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
11-Bit, 200 MSPS,
1.8 V Analog-to-Digital Converter
AD9230-11
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 62.5 dBFS @ fIN up to 70 MHz @ 200 MSPS
ENOB of 10.2 @ fIN up to 70 MHz @ 200 MSPS (−1.0 dBFS)
SFDR = −77 dBc @ fIN up to 70 MHz @ 200 MSPS (−1.0 dBFS)
Excellent linearity
DNL = ±0.15 LSB typical
INL = ±0.5 LSB typical
LVDS at 200 MSPS (ANSI-644 levels)
700 MHz full power analog bandwidth
On-chip reference, no external decoupling required
Integrated input buffer and track-and-hold amplifier
Low power dissipation
373 mW @ 200 MSPS (LVDS SDR mode)
328 mW @ 200 MSPS (LVDS DDR mode)
Programmable input voltage range
1.0 V to 1.5 V, 1.25 V nominal
1.8 V analog and digital supply operation
Selectable output data format (offset binary, twos
complement, gray code)
Clock duty cycle stabilizer
Integrated data capture clock
APPLICATIONS
Wireless and wired broadband communications
Cable reverse path
Communications test equipment
Radar and satellite subsystems
Power amplifier linearization
FUNCTIONAL BLOCK DIAGRAM
AGND
PWDN
RBIAS
AVDD
VIN+
VIN–
CML
TRACK-AND-HOLD
REFERENCE
ADC
12-BIT
CORE
OUTPUT
STAGING
LVDS
CLK+
CLK–
CLOCK
MANAGEMENT
SERIAL PORT
RESET SCLK SDIO
CSB
DCO–
DCO+
OR–
OR+
D10 TO D0
DRGND
DRVDD
12
11
AD9230-11
Figure 1.
GENERAL DESCRIPTION
The AD9230-11 is an 11-bit monolithic sampling analog-to-
digital converter (ADC) optimized for high performance,
low power, and ease of use. The product operates at up to a
200 MSPS conversion rate and is optimized for outstanding
dynamic performance in wideband carrier and broadband
systems. All necessary functions, including a track-and-hold
(T/H) amplifier and voltage reference, are included on the
chip to provide a complete signal conversion solution.
The ADC requires a 1.8 V analog voltage supply and a
differential clock for full performance operation. The digital
outputs are LVDS (ANSI-644) compatible and support twos
complement, offset binary format, or Gray code. A data clock
output is available for proper output data timing.
Fabricated on an advanced CMOS process, the AD9230-11 is
available in a 56-lead lead frame chip scale package, specified
over the industrial temperature range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
High Performance. Maintains 62.5 dBFS SNR
@ 200 MSPS with a 70 MHz input.
2.
Low Power. Consumes only 373 mW @ 200 MSPS.
3.
Ease of Use. LVDS output data and output clock signal
allow interface to current FPGA technology. The on-chip
reference and sample-and-hold provide flexibility in
system design. Use of a single 1.8 V supply simplifies
system power supply design.
4.
Serial Port Control. Standard serial port interface (SPI)
supports various product functions, such as data formatting,
disabling the clock duty cycle stabilizer, power-down, gain
adjust, and output test pattern generation.
5.
Pin-Compatible Family. 10-bit and 12-bit pin-compatible
family offered as AD9211 and AD9230.


同様の部品番号 - AD9230-11

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results

同様の説明 - AD9230-11

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
11 Bit, 105 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9484 AD-AD9484_17 Datasheet
628Kb / 25P
8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com