データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9230-11 データシート(PDF) 10 Page - Analog Devices

部品番号 AD9230-11
部品情報  11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9230-11 データシート(HTML) 10 Page - Analog Devices

Back Button AD9230-11 Datasheet HTML 6Page - Analog Devices AD9230-11 Datasheet HTML 7Page - Analog Devices AD9230-11 Datasheet HTML 8Page - Analog Devices AD9230-11 Datasheet HTML 9Page - Analog Devices AD9230-11 Datasheet HTML 10Page - Analog Devices AD9230-11 Datasheet HTML 11Page - Analog Devices AD9230-11 Datasheet HTML 12Page - Analog Devices AD9230-11 Datasheet HTML 13Page - Analog Devices AD9230-11 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AD9230-11
Rev. 0 | Page 9 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
D2–
2
D2+
3
D3–
4
D3+
5
D4–
6
D4+
7
DRVDD
8
DRGND
9
D5–
10
D5+
11
D6–
12
D6+
13
D7–
14
D7+
35 VIN+
36 VIN–
37 AVDD
38 AVDD
39 AVDD
40 CML
41 AVDD
42 AVDD
34 AVDD
33 AVDD
32 AVDD
31 RBIAS
30 AVDD
29 PWDN
TOP VIEW
(Not to Scale)
AD9230-11
NOTES
1. DNC = DO NOT CONNECT.
2. PIN 0 (EXPOSED PADDLE) = AGND.
Figure 4. Single Data Rate Mode Pin Configuration
Table 7. Single Data Rate Mode Pin Function Descriptions
Pin No.
Mnemonic
Description
30, 32 to 34, 37 to 39, 41 to
43, 46
AVDD
1.8 V Analog Supply.
7, 24, 47
DRVDD
1.8 V Digital Output Supply.
0
AGND1
Analog Ground. The exposed paddle should be connected to the analog ground.
8, 23, 48
DRGND1
Digital Output Ground.
35
VIN+
Analog Input (True).
36
VIN−
Analog Input (Complement).
40
CML
Common-Mode Output Pin. Enabled through the SPI, this pin provides a reference for the
optimized internal bias voltage for VIN+/VIN−.
44
CLK+
Clock Input (True).
45
CLK−
Clock Input (Complement).
31
RBIAS
Set Pin for Chip Bias Current. Place 1% 10 kΩ resistor terminated to ground. Nominally 0.5 V.
28
RESET
CMOS-Compatible Chip Reset (Active Low).
25
SDIO/DCS
Serial Port Interface (SPI) Data Input/Output (Serial Port Mode). Duty Cycle Stabilizer Select
(External Pin Mode).
26
SCLK/DFS
Serial Port Interface Clock (Serial Port Mode). Data Format Select Pin (External Pin Mode).
27
CSB
Serial Port Chip Select (Active Low).
29
PWDN
Chip Power-Down.
49
DCO−
Data Clock Output (Complement).
50
DCO+
Data Clock Output Input (True).
51, 52
DNC
Do No Connect.
53
D0− (LSB)
D0 Complement Output Bit (LSB).
54
D0+ (LSB)
D0 True Output Bit (LSB).
55
D1−
D1 Complement Output Bit.
56
D1+
D1 True Output Bit.
1
D2−
D2 Complement Output Bit.
2
D2+
D2 True Output Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com